PART |
Description |
Maker |
2950064 |
EMG 22-DIO 7P
|
PHOENIX CONTACT
|
CZRB3030 CZRB3027 CZRB3075 CZRB3019 CZRB3018 CZRB3 |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp Surface Mount Zener Diode
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
1N5223BT50R 1N5231BTR 1N5231BT26A 1N5231BT50A 1N52 |
surface mount silicon Zener diodes 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 16V, 0.5W Zener Diode 33V, 0.5W Zener Diode 12V, 0.5W Zener Diode 13V, 0.5W Zener Diode 10V, 0.5W Zener Diode 25V, 0.5W Zener Diode 22V, 0.5W Zener Diode 30V, 0.5W Zener Diode 15V, 0.5W Zener Diode 27V, 0.5W Zener Diode 6.8V, 0.5W Zener Diode 11V, 0.5W Zener Diode 6.0V, 0.5W Zener Diode 4.7V, 0.5W Zener Diode 8.7V, 0.5W Zener Diode 6.2V, 0.5W Zener Diode 8.2V, 0.5W Zener Diode 9.1V, 0.5W Zener Diode 7.5V, 0.5W Zener Diode 4.3V, 0.5W Zener Diode 3.9V, 0.5W Zener Diode 3.6V, 0.5W Zener Diode 2.4V, 0.5W Zener Diode 3.3V, 0.5W Zener Diode 5.6V, 0.5W Zener Diode 5.1V, 0.5W Zener Diode 2.7V, 0.5W Zener Diode 14V, 0.5W Zener Diode 18V, 0.5W Zener Diode 20V, 0.5W Zener Diode 24V, 0.5W Zener Diode 19V, 0.5W Zener Diode
|
Fairchild Semiconductor, Corp.
|
CZRB2350 CZRB2120 CZRB2220 CZRB2320 CZRB2340 CZRB2 |
Surface Mount Zener Diodes Terminal Block Wire Size (AWG):22-12; Terminal Block Type:Screw Clamp; Mounting Type:DIN Rail RoHS Compliant: Yes Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
COMCHIP[Comchip Technology] Comchip Technology Co., Ltd.
|
19131-0031 19131-0044 19129-0050 19131-0041 19139- |
191310031 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2109-04 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE ON TAPE (AA-1118-0 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP TAPED (AA-2118-06 0.8 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE AVIKRIMP (BB-8781-08) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE INSULKRIMP (BB-2781-08X) 2 mm2, COPPER ALLOY, WIRE TERMINAL BLOCK SPADE KRIMPTITE TAPED (AA-1109-02T BLOCK SPADE AVIKRIMP TAPED (AA-834-06T) BLOCK SPADE KRIMPTITE (AA-134-08) BLOCK SPADE VERSAKRIMP (BB-3781-10) 191470063 BLOCK SPADE VERSAKRIMP (BB-3471-06) SPADE VERSAKRIMP (AA-334-10) SPADE VERSAKRIMP TAPED (AA-338-06T) BLOCK SPADE VERSAKRIMP (BB-3471-04) BLOCK SPADE VERSAKRIMP (C-3105-10)
|
Molex, Inc. MOLEX INC
|
X25F128SI-5 X25F128 X25F128P X25F128P-5 X25F128PE |
SerialFlashMemory With Block LockProtection SerialFlash⑩ Memory With Block Lock⑩ Protection SerialFlash Memory With Block Lock Protection
|
XICOR[Xicor Inc.]
|
SLD302B |
Block-type 200mW High Power Laser Diode
|
SONY
|
M29F002B M295V002B-120K6TR M295V002B-120XK6TR M29F |
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2兆位256Kb × 8,启动座单电源闪 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2兆位56Kb × 8,启动座单电源闪 35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2兆位56Kb × 8,启动座单电源闪
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
2-1437392-5 |
NEMA BLOCK, SIZE 130 END SECTION. MIN TERM BLOCK
|
Tyco Electronics
|
BPC30C-980-01 BPC30C-940-01 BPC30C-915-01 |
30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
|
Bookham, Inc.
|
|